Part Number Hot Search : 
G936T81B MSQ94P33 CXA18 MP2463 2SC5079 MAX1640C 6715MMM 32N162
Product Description
Full Text Search
 

To Download BLF6G27S-4508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
Rev. 03 -- 15 December 2008 Product data sheet
1. Product profile
1.1 General description
45 W LDMOS power transistor for base station applications at frequencies from 2500 MHz to 2700 MHz.
Table 1. Typical performance RF performance at Tcase = 25 C in a class-AB production test circuit. Mode of operation 1-carrier N-CDMA[1]
[1] [2]
f (MHz) 2500 to 2700
VDS (V) 28
PL(AV) (W) 7
Gp (dB) 18
D (%) 24
ACPR885k (dBc) -49[2]
ACPR1980k (dBc) -64[2]
Single carrier N-CDMA with pilot, paging sync and 6 traffic channels (Walsh codes 8 - 13). PAR = 9.7 dB at 0.01 % probability on CCDF. Channel bandwidth is 1.23 MHz. Measured within 30 kHz bandwidth.
CAUTION This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken during transport and handling.
1.2 Features
I Typical 1-carrier N-CDMA performance (single carrier N-CDMA with pilot, paging, sync and 6 traffic channels [Walsh codes 8 - 13]. PAR = 9.7 dB at 0.01 % probability on CCDF. Channel bandwidth is 1.23 MHz), a supply voltage of 28 V and an IDq of 350 mA: I Qualified up to a maximum VDS operation of 32 V I Integrated ESD protection I Excellent ruggedness I High efficiency I Excellent thermal stability I Designed for broadband operation I Internally matched for ease of use I Low gold plating thickness on leads I Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances (RoHS)
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
1.3 Applications
I RF power amplifiers for base stations and multi carrier applications in the 2500 MHz to 2700 MHz frequency range
2. Pinning information
Table 2. Pin 1 2 3 Pinning Description drain gate source
[1]
Simplified outline
Graphic symbol
BLF6G27-45 (SOT608A)
1 1
3 2
2 3
sym112
BLF6G27S-45 (SOT608B) 1 2 3 drain gate source
[1]
1 3 2 2
1
3
sym112
[1]
Connected to flange.
3. Ordering information
Table 3. Ordering information Package Name BLF6G27-45 BLF6G27S-45 Description flanged ceramic package; 2 mounting holes; 2 leads ceramic earless flanged package; 2 leads Version SOT608A SOT608B Type number
4. Limiting values
Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDS VGS ID Tstg Tj Parameter drain-source voltage gate-source voltage drain current storage temperature junction temperature Conditions Min -0.5 -65 Max 65 +13 20 +150 200 Unit V V A C C
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
2 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
5. Thermal characteristics
Table 5. Symbol Rth(j-case) Thermal characteristics Parameter Conditions Type Typ 1.7 1.7 Unit K/W K/W thermal resistance from Tcase = 80 C; BLF6G27-45 junction to case PL = 34 W (CW) BLF6G27S-45
6. Characteristics
Table 6. Characteristics Tj = 25 C per section; unless otherwise specified. Symbol Parameter V(BR)DSS drain-source breakdown voltage VGS(th) IDSS IDSX IGSS gfs RDS(on) Crs gate-source threshold voltage drain leakage current drain cut-off current gate leakage current forward transconductance drain-source on-state resistance feedback capacitance Conditions VGS = 0 V; ID = 0.5 mA VDS = 10 V; ID = 60 mA VGS = 0 V; VDS = 28 V VGS = VGS(th) + 3.75 V; VDS = 10 V VGS = 11 V; VDS = 0 V VDS = 10 V; ID = 2.5 A VGS = VGS(th) + 3.75 V; ID = 2.1 A VGS = 0 V; VDS = 28 V; f = 1 MHz Min 65 1.4 8.8 Typ 1.9 10.4 4.3 0.24 1.1 Max 2.4 1.4 140 Unit V V A A nA S
0.385 pF
7. Application information
Table 7. Application information Mode of operation: Single carrier N-CDMA with pilot, paging, sync and 6 traffic channels (Walsh codes 8 - 13). PAR 9.7 dB at 0.01 % probability on CCDF; channel bandwidth = 1.23 MHz; f = 2700 MHz; RF performance at VDS = 28 V; IDq = 350 mA; Tcase = 25 C; unless otherwise specified; in a class-AB production circuit. Symbol PL(AV) Gp RLin D ACPR885k Parameter average output power power gain input return loss drain efficiency adjacent channel power ratio (885 kHz) PL(AV) = 7 W PL(AV) = 7 W PL(AV) = 7 W PL(AV) = 7 W PL(AV) = 7 W
[1] [1]
Conditions
Min 22 -
Typ Max Unit 7 W dB dB % dBc dBc
16.5 18 24
-10 -5 -49 -46 -64 -61
ACPR1980k adjacent channel power ratio (1980 kHz)
[1] Measured within 30 kHz bandwidth.
7.1 Ruggedness in class-AB operation
The BLF6G27-45 and BLF6G27S-45 are capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the following conditions: VDS = 28 V; IDq = 350 mA; PL = 45 W (CW); f = 2600 MHz.
BLF6G27-45_BLF6G27S-45_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
3 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
7.2 Single carrier N-CDMA performance
22 Gp (dB) 20 Gp 18 30
001aah406
50 D (%) 40
-30 ACPR (dBc) -40
(1) (2) (1) (2)
001aah407
-50
16 D 14
20
-60
ACPR885k
(2) (1)
10
-70
ACPR1500k
12 10-1
1
10 PL(AV) (W)
102
0
ACPR1980k -80 10-1
1
10 PL(AV) (W)
102
VDS = 28 V; IDq = 350 mA; f = 2600 MHz; single carrier N-CDMA; PAR = 9.7 dB at 0.01 % probability; channel bandwidth = 1.23 MHz; instantaneous bandwidth = 30 kHz.
VDS = 28 V; IDq = 350 mA; f = 2600 MHz; single carrier N-CDMA; PAR = 9.7 dB at 0.01 % probability; channel bandwidth = 1.23 MHz; instantaneous bandwidth = 30 kHz. (1) Low frequency component (2) High frequency component
Fig 1.
Power gain and drain efficiency as functions of average load power; typical values
Fig 2.
Adjacent channel power ratio as function of average load power; typical values
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
4 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
7.3 Two-tone
19.5 Gp (dB) 18.5
(3)
001aah408
-15 IMD3 (dBc) -25
001aah409
(5) (4)
-35
(2)
-45
17.5
(1)
-55
(1) (2) (5) (3) (4)
16.5 1 10 PL(PEP) (W)
102
-65 1 10 PL(PEP) (W)
102
VDS = 28 V; f1 = 2598.75 MHz; f2 = 2601.25 MHz; 2.5 MHz tone spacing. (1) IDq = 250 mA (2) IDq = 300 mA (3) IDq = 350 mA (4) IDq = 400 mA (5) IDq = 500 mA
VDS = 28 V; f1 = 2598.75 MHz; f2 = 2601.25 MHz; 2.5 MHz tone spacing. (1) IDq = 250 mA (2) IDq = 300 mA (3) IDq = 350 mA (4) IDq = 400 mA (5) IDq = 500 mA
Fig 3.
Power gain as function of peak envelope load power; typical values
Fig 4.
Third order intermodulation distortion as function of peak envelope load power; typical values
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
5 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
7.4 Continuous wave
20 Gp (dB) 16 D
(3)
001aah410
60 D (%) 40
20 Gp (dB) 16
001aah411
Gp
(1) (2)
12
20
12
(5)
(4)
8 1 10 PL (W)
102
0
8 1 10
(6)
102 PL(CW) (W)
IDq = 350 mA; f = 2600 MHz; Tcase = 25 C; VDS = 28 V.
IDq = 350 mA; f = 2600 MHz; Tcase = 25 C. (1) VDS = 32 V (2) VDS = 28 V (3) VDS = 24 V (4) VDS = 20 V (5) VDS = 16 V (6) VDS = 12 V
Fig 5.
Power gain and drain efficiency as functions of CW load power; typical values
Fig 6.
Power gain as function of CW load power; typical values
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
6 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
7.5 Single carrier N-CDMA broadband performance at 7 W average
19 Gp (dB) 18 Gp
001aah412
27 D (%) 26
-40 ACPR (dBc) -50
(1) (2)
001aah413
ACPR885k
17
25
(1) (2)
16
D
24 -60
(1) (2)
ACPR1500k
15
23
ACPR1980k
14 2500
2550
2600
2650 f (MHz)
22 2700
-70 2500
2550
2600
2650 f (MHz)
2700
VDS = 28 V; IDq = 350 mA; single carrier N-CDMA; PAR = 9.7 dB at 0.01 % probability; instantaneous bandwidth = 30 kHz.
VDS = 28 V; IDq = 350 mA; single carrier N-CDMA; PAR = 9.7 dB at 0.01 % probability; instantaneous bandwidth = 30 kHz. (1) Low frequency component (2) High frequency component
Fig 7.
Power gain and drain efficiency as functions of frequency; typical values
19 Gp (dB) 18
Fig 8.
Adjacent channel power ratio as function of frequency; typical values
001aah417
0 RLin (dB) -4
Gp
17
-8
RLin 16 -12
15 2500
2550
2600
2650 f (MHz)
-16 2700
VDS = 28 V; IDq = 350 mA; single carrier N-CDMA; PAR = 9.7 dB at 0.01 % probability; instantaneous bandwidth = 30 kHz.
Fig 9.
Power gain and input return loss as functions of frequency
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
7 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
7.6 Single carrier N-CDMA broadband performance at 20 W average
18 Gp (dB) 17 Gp
001aah414
45 D (%) 43
-30 ACPR (dBc) -40
(1) (2)
001aah415
ACPR885k
16
D
41
(1) (2)
ACPR1500k
15
39 -50
(1) (2)
14
37
ACPR1980k
13 2500
2550
2600
2650 f (MHz)
35 2700
-60 2500
2550
2600
2650 f (MHz)
2700
VDS = 28 V; IDq = 350 mA; single carrier N-CDMA; PAR = 9.7 dB at 0.01 % probability; instantaneous bandwidth = 30 kHz.
VDS = 28 V; IDq = 350 mA; single carrier N-CDMA; PAR = 9.7 dB at 0.01 % probability; instantaneous bandwidth = 30 kHz. (1) Low frequency component (2) High frequency component
Fig 10. Power gain and drain efficiency as functions of frequency; typical values
Fig 11. Adjacent channel power ratio as function of frequency; typical values
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
8 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
8. Test information
C10 C4
C11 L1 R2
VDD +28 V
C14
VGG
C6 C5
C7
R1 C9 Q1 C3
50 output
50 input
C1
C2 C8
C12
C13
001aah416
See Table 8 for list of components.
Fig 12. Test circuit for operation at 2500 MHz to 2700 MHz
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
9 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
VGG
short (0 )
C14 C6
VDD
R2 C4 C5 C7 Q1 R1 C10 C11 L1
C3 C1 C2
C9
C8
C12
C13
BLF6G27-45 Input-Rev3
BLF6G27-45 Output-Rev3
001aah418
Striplines are on a double copper-clad Taconic RF35 Printed-Circuit Board (PCB) with r = 3.5 and thickness = 0.76 mm. See Table 8 for list of components.
Fig 13. Component layout for 2500 MHz to 2700 MHz test circuit Table 8. List of components For test circuit, see Figure 12 and Figure 13. Component C1 C2 C3, C4, C7, C8 C6 C9 C14 L1 R1 R2 Q1
[1]
Description multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor tantalum capacitor multilayer ceramic chip capacitor electrolytic capacitor ferrite SMD bead resistor resistor BLF6G27-45 or BLF6G27S-45
Value 0.3 pF 0.5 pF 11 pF 4.7 F 10 F; 35 V 8.2 pF 470 F; 63 V 22 12 [1] [1] [1]
Remarks
C5, C10, C11, C12, C13 multilayer ceramic chip capacitor
C4532X7R1H475M Kemet (Farnell)
Ferroxcube BDS 3/3/4.6-4S2 or equivalent package 0603 package 1206
American Technical Ceramics type 100B or capacitor of same quality.
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
10 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
Measured test circuit impedances Zi () 11.1 - j11.0 10.6 - j10.8 10.1 - j10.5 9.6 - j10.2 9.1 - j9.8 Zo () 18.4 - j9.1 16.9 - j9.2 15.6 - j9.2 14.4 - j9.1 13.3 - j8.9
Table 9. f (GHz) 2.50 2.55 2.60 2.65 2.70
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
11 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
9. Package outline
Flanged ceramic package; 2 mounting holes; 2 leads SOT608A
D
A F
3
D1
U1 q C
B c
1
H
U2
p
E1
E
w1 M A M B M
A b
2
w2 M C M Q 0 5 scale 10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 4.62 3.76 0.182 0.148 b 7.24 6.99 c 0.15 0.10 D D1 E E1 F 1.14 0.89 H 15.75 14.73 p 3.30 2.92 0.130 0.115 Q 1.70 1.35 q 15.24 U1 20.45 20.19 0.805 0.795 U2 9.91 9.65 w1 0.25 w2 0.51
10.21 10.29 10.01 10.03 0.402 0.405 0.394 0.395
10.21 10.29 10.01 10.03 0.402 0.405 0.394 0.395
0.285 0.006 0.275 0.004
0.045 0.620 0.035 0.580
0.067 0.600 0.053
0.390 0.010 0.020 0.380
OUTLINE VERSION SOT608A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 01-02-22 02-02-11
Fig 14. Package outline SOT608A
BLF6G27-45_BLF6G27S-45_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
12 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
Ceramic earless flanged package; 2 leads
SOT608B
D
A F
3
D1 U1
A
c
1
H
U2 E1
E
2
b
w1
M
A
M
Q
0 scale
5 mm
DIMENSIONS (mm dimensions are derived from the original inch dimensions) UNIT mm inch A 4.62 3.76 b 7.24 6.99 c 0.15 0.10 D D1 E E1 F 1.14 0.89 H 15.75 14.73 Q 1.70 1.35 U1 U2 w1 0.51
10.21 10.29 10.21 10.29 10.01 10.03 10.01 10.03
10.24 10.24 9.98 9.98
0.182 0.285 0.006 0.402 0.405 0.402 0.405 0.045 0.620 0.067 0.403 0.403 0.020 0.148 0.275 0.004 0.394 0.395 0.394 0.395 0.035 0.580 0.053 0.393 0.393 REFERENCES IEC JEDEC JEITA EUROPEAN PROJECTION
OUTLINE VERSION SOT608B
ISSUE DATE 06-11-27 06-12-06
Fig 15. Package outline SOT608B
BLF6G27-45_BLF6G27S-45_3 (c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
13 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
10. Abbreviations
Table 10. Acronym CCDF CW LDMOS N-CDMA PAR RF SMD VSWR WiMAX Abbreviations Description Complementary Cumulative Distribution Function Continuous Wave Laterally Diffused Metal-Oxide Semiconductor Narrowband Code Division Multiple Access Peak-to-Average power Ratio Radio Frequency Surface Mounted Device Voltage Standing-Wave Ratio Worldwide Interoperability for Microwave Access
11. Revision history
Table 11. Revision history Release date Data sheet status Product data sheet Change notice Supersedes BLF6G27-45_BLF6G27S-45_2 BLF6G27-45_BLF6G27S-45_1 Document ID Modifications:
BLF6G27-45_BLF6G27S-45_3 20081215
*
Changed the maximum junction temperature in Table 4 on page 2. Preliminary data sheet Preliminary data sheet -
BLF6G27-45_BLF6G27S-45_2 20080207 BLF6G27-45_BLF6G27S-45_1 20080129
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
14 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
12. Legal information
12.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
12.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
12.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
12.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
13. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
BLF6G27-45_BLF6G27S-45_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 15 December 2008
15 of 16
NXP Semiconductors
BLF6G27-45; BLF6G27S-45
WiMAX power LDMOS transistor
14. Contents
1 1.1 1.2 1.3 2 3 4 5 6 7 7.1 7.2 7.3 7.4 7.5 7.6 8 9 10 11 12 12.1 12.2 12.3 12.4 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Application information. . . . . . . . . . . . . . . . . . . 3 Ruggedness in class-AB operation. . . . . . . . . . 3 Single carrier N-CDMA performance . . . . . . . . 4 Two-tone . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Continuous wave . . . . . . . . . . . . . . . . . . . . . . . 6 Single carrier N-CDMA broadband per formance at 7 W average . . . . . . . . . . . . . . . . . 7 Single carrier N-CDMA broadband performance at 20 W average . . . . . . . . . . . . . 8 Test information . . . . . . . . . . . . . . . . . . . . . . . . . 9 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 Legal information. . . . . . . . . . . . . . . . . . . . . . . 15 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 15 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Contact information. . . . . . . . . . . . . . . . . . . . . 15 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 15 December 2008 Document identifier: BLF6G27-45_BLF6G27S-45_3


▲Up To Search▲   

 
Price & Availability of BLF6G27S-4508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X